| 전자부품 데이터시트 검색엔진 |
|
EZLINX-IIIDE-EBZ 데이터시트(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
EZLINX-IIIDE-EBZ 데이터시트(HTML) 12 Page - Analog Devices |
|
12 / 15 page ![]() i Coupler® Isolated Interface Development Environment ezLINX™ Hardware User Guide Rev. PrA | Page 12 of 15 EXTENDER CONNECTOR The Hirose FX8 120P-SV(91) extender connector is used for daughter board connections. This allows for additional functionality to be added to the ezLINX hardware. Figure 16 shows the circuit implementation of the extender connector J23 and J26. Connector J26 is a three pin header connector and allows for the CAN1 signals of the ADSP-BF548 to be routed to an external daughter board. Figure 16. Extender Connector using Hirose FX8 120P-SV(91) RS-232 CONSOLE The RS-232 console connector is used for accessing the console of the uCLinux kernel running on the ADSP-BF548 processor. It uses the ADM3202 RS-232 line driver and receiver to connect to UART1 of the ADSP-BF548. The RS-232 signals connect to a DB-9 connector, J4. A circuit implementation of the RS-232 console is shown in Figure 17. |