| 전자부품 데이터시트 검색엔진 |
|
ADL5321ARKZ-R7 데이터시트(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL5321ARKZ-R7 데이터시트(HTML) 1 Page - Analog Devices |
|
1 / 16 page ![]() 2.3 GHz to 4.0 GHz ¼ Watt RF Driver Amplifier Data Sheet ADL5321 Rev. C Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2008–2012 Analog Devices, Inc. All rights reserved. FEATURES Operation: 2.3 GHz to 4.0 GHz Gain of 14.0 dB at 2.6 GHz OIP3 of 41.0 dBm at 2.6 GHz P1dB of 25.7 dBm at 2.6 GHz Noise figure: 4.0 dB at 2.6 GHz Power supply voltage: 3.3 V to 5 V Power supply current: 37 mA to 90 mA Dynamically adjustable bias No bias resistor required Thermally efficient, MSL-1 rated SOT-89 package Operating temperature range: −40°C to +105°C ESD rating of ±2 kV (Class 3A) APPLICATIONS Wireless infrastructure Automated test equipment FUNCTIONAL BLOCK DIAGRAM Figure 1. ISM/AMR applications GENERAL DESCRIPTION The ADL5321 incorporates a dynamically adjustable biasing circuit that allows for the customization of OIP3 and P1dB performance from 3.3 V to 5 V without the need for an external bias resistor. This feature gives the designer the ability to tailor driver amplifier performance to the specific needs of the design. This feature also creates the opportunity for dynamic biasing of the driver amplifier, where a variable supply is used to allow for full 5 V biasing under large signal conditions and then can reduce the supply voltage when signal levels are smaller and lower power consumption is desirable. This scalability reduces the need to evaluate and inventory multiple driver amplifiers for different output power requirements from 22 dBm to 26 dBm output power levels. The ADL5321 is also rated to operate across the wide temper- ature range of −40°C to +105°C for reliable performance in designs that experience higher temperatures, such as power amplifiers. The 1∕4watt driver amplifier covers the 2.3 GHz to 4.0 GHz wide frequency range and only requires a few external components to be tuned to a specific band within that wide range. This high performance, broadband RF driver amplifier is well suited for a variety of wired and wireless applications including cellular infrastructure, ISM band power amplifiers, defense equipment, and instrumentation equipment. A fully populated evaluation board is available. The ADL5321 also delivers excellent adjacent channel leakage ratio (ACLR) vs. POUT. For output powers up to 10 dBm rms, the ADL5321 adds very little distortion to the output spectrum. At 2.6 GHz, the ACLR is −59 dB and a relative constellation error of −46.6 dB (<0.5% EVM) at an output power of 10 dBm rms. Figure 2. WiMAX 64 QAM, 10 MHz Bandwidth, Single Carrier RFIN GND RFOUT 1 2 BIAS 3 GND ADL5321 (2) –30 –40 –50 –60 –70 –80 –90 –10 –5 0 5 10 15 20 POUT (dBm) ADJ CH LOW 2.6 GHZ ALT CH LOW 2.6 GHZ ADJ CH LOW 3.5 GHZ ALT CH UP 3.5 GHZ |
유사한 부품 번호 - ADL5321ARKZ-R7 |
|
유사한 설명 - ADL5321ARKZ-R7 |