| 전자부품 데이터시트 검색엔진 |
|
TL604IP 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL604IP 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 9 page ![]() TL601, TL604, TL607, TL610 P-MOS ANALOG SWITCHES D2161, JUNE 1976 — REVISED OCTOBER 1986 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 2 logic symbols† and switch diagrams S2 6 S1 7 4 S2 S1 3 TL604 1 1 X1 2 A S2 4 3 S1 6 7 S1 S2 1 1 TL601 X1 & 1/1 S 4 B 3 A 2 1 1 S2 S1 7 6 4 S S2 7 S1 6 FUNCTION TABLE FUNCTION TABLE INPUTS ANALOG SWITCHES INPUT ANALOG SWITCHES A B S1 S2 A S1 S2 L X Off (open) On (closed) H On (closed) Off (open) X L Off (open) On (closed) L Off (open) On (closed) H H On (closed) Off (open) 6 S 7 C S 4 6 S 1 2 A 3 B 4 S1 & X1 TL610 6 S1 7 S2 S 4 1 1 S2 S1 6 7 A 2 4 S ENABLE 3 G3 3X1 1/1 TL607 FUNCTION TABLE FUNCTION TABLE INPUTS ANALOG SWITCHES INPUTS ANALOG SWITCHES A ENABLE S1 S2 A B C S X L Off (open) Off (open) L X X Off (open) L H Off (open) On (closed) X L X Off (open) H H On (closed) Off (open) X X L Off (open) X H H On (closed) † These symbols are in accordance with ANSI/IEEE Std 91-1984. TL607 logic diagram (positive logic) 4 S 2 A ENABLE 3 7 S2 S1 6 |