| 전자부품 데이터시트 검색엔진 |
|
TLE2021ACDR 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2021ACDR 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 77 page ![]() TLE2021 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2021M TLE2021BM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT V Input offset voltage 25°C 120 600 80 200 V VIO Input offset voltage Full range 1100 300 μV αVIO Temperature coefficient of input offset voltage Full range 2 2 μV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25°C 0.005 0.005 μV/mo I Input offset current VIC = 0, RS = 50 Ω 25°C 0.2 6 0.2 6 nA IIO Input offset current Full range 10 10 nA I Input bias current 25°C 25 70 25 70 nA IIB Input bias current Full range 90 90 nA V Common-mode input R 50 Ω 25°C 0 to 3.5 −0.3 to 4 0 to 3.5 −0.3 to 4 V VICR Common mode input voltage range RS = 50 Ω Full range 0 to 3.2 0 to 3.2 V V High level output voltage 25°C 4 4.3 4 4.3 V VOH High-level output voltage R 10 kΩ Full range 3.8 3.8 V V Low level output voltage RL = 10 kΩ 25°C 0.7 0.8 0.7 0.8 V VOL Low-level output voltage Full range 0.95 0.95 V A Large-signal differential V 1 4 V to 4 V R 10 kΩ 25°C 0.3 1.5 0.3 1.5 V/ V AVD Large signal differential voltage amplification VO = 1.4 V to 4 V, RL = 10 kΩ Full range 0.1 0.1 V/μV CMRR Common mode rejection ratio V V min R 50 Ω 25°C 85 110 85 110 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 80 80 dB k Supply-voltage rejection ratio V 5 V to 30 V 25°C 105 120 105 120 dB kSVR Supply voltage rejection ratio (ΔVCC± /ΔVIO) VCC = 5 V to 30 V Full range 100 100 dB I Supply current 25°C 170 230 170 230 A ICC Supply current VO = 2 5 V No load Full range 230 230 μA ΔICC Supply current change over operating temperature range VO = 2.5 V, No load Full range 9 9 μA † Full range is −55°C to 125°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |