전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CG2250LSLSTR 데이터시트(PDF) 5 Page - Littelfuse

부품명 CG2250LSLSTR
상세설명  Gas Discharge Tube (GDT) Products CG/CG2 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG2250LSLSTR 데이터시트(HTML) 5 Page - Littelfuse

  CG2250LSLSTR Datasheet HTML 1Page - Littelfuse CG2250LSLSTR Datasheet HTML 2Page - Littelfuse CG2250LSLSTR Datasheet HTML 3Page - Littelfuse CG2250LSLSTR Datasheet HTML 4Page - Littelfuse CG2250LSLSTR Datasheet HTML 5Page - Littelfuse CG2250LSLSTR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Gas Discharge Tube (GDT) Products
©2013 Littelfuse, Inc.
Revised: January 10, 2013
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG/CG2 Series
CG/CG2 Series
Packaging Dimensions
24 +0.3 / -0.1
[0.945 +0.019 / -0.004]
11.5 ± 0.1
[0.453 ± 0.004]
1.75 ± 0.1
[0.069 ± 0.004]
1.5 DIA. MAX.
[0.059]
1.5 DIA. MAX.
[0.059]
16 ± 0.1
[0.630 ± 0.004]
0.5 ± 0.05
[0.020 ± 0.002]
0.5 ± 0.01
[0.020 ± 0.004]
10x4 ± 0.1 = 40 ± 0.2
[10x.157 ± 0.004 = 1.575 ± 0.008]
4 ± 0.1
[0.157 ± 0.004]
11.75 ± 0.1
[0.463 ± 0.004]
8 ± 0.1
[0.315 ± 0.004]
9 ± 0.1
[0.354 ± 0.004]
1.9
[0.075]
Direction of Feed
25.7
[1.01]
275.0
[10.82]
100.0
[3.93]
25.0
[0.98]
76.0
[2.99]
For 'LS' Type Shaped Lead Items
Direction of Feed
254.0 - 356.0
[10.0 - 14.0]
80.0
[3.15]
22.8
[0.898]
52.4
[2.063]
6.4
[0.252]
<0.8 Max
<1.2 Max. Lead Bend
5.0 Pitch
[0.197]
16 +0.3 / -0.1
[0.630 +0.012 / -0.004]
7.5 ± 0.1
[0.295 ± 0.004]
8.5 ± 0.1
[0.335 ± 0.004]
1.75 ± 0.1
[0.069 ± 0.004]
1.5 DIA. MAX.
[0.059]
1.5 DIA. MAX.
[0.059]
12 ± 0.1
[0.472 ± 0.004]
8.6 ± 0.1
[0.339 ± 0.004]
0.4 ± 0.05
[0.016 ± 0.002]
10x4 ± 0.1 = 40 ± 0.2
[10 x 0.157 ± 0.004 = 1.575 ± 0.008]
4 ± 0.1
[0.157 ± 0.004]
Direction of Feed
17.7
[0.697]
275.0
[10.83]
100.0
[3.94]
25.0
[0.98]
76.0
[2.99]
For 'L' Type Axial Lead Items
Core and 'MS' Type Items
Direction of Feed
254.0 - 356.0
[10.0 - 14.0]
80.0
[3.15]
22.8
[0.898]
52.4
[2.063]
6.4
[0.252]
<0.8 Max
<1.2 Max. Lead Bend
5.0 Pitch
[0.197]



Html Pages

1 2 3 4 5 6