전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIG3012-R50 데이터시트(PDF) 2 Page - Delta Electronics, Inc.

부품명 SIG3012-R50
상세설명  SPECIFICATION FOR APPROVAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DELTA [Delta Electronics, Inc.]
홈페이지  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIG3012-R50 데이터시트(HTML) 2 Page - Delta Electronics, Inc.

  SIG3012-R50 Datasheet HTML 1Page - Delta Electronics, Inc. SIG3012-R50 Datasheet HTML 2Page - Delta Electronics, Inc. SIG3012-R50 Datasheet HTML 3Page - Delta Electronics, Inc. SIG3012-R50 Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SIG3012-XXX
REVISION
: A4
PAGE
: 2 OF 11
B
C
A
5. Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown above after confirming and safety.
6. Specifications
Rdc ( mΩ)
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Part Number
L0
Inductance
(
µH )
@ (0A)
Typical
Maximum
Typical
Maximum
Typical
Maximum
SIG3012-R50
0.5
35
42
2.80
2.52
2.80
2.52
SIG3012-1R0
1.0
43
52
2.60
2.34
2.50
2.25
SIG3012-1R5
1.5
65
78
2.00
1.80
1.90
1.71
SIG3012-2R2
2.2
82
98
1.90
1.71
1.70
1.53
SIG3012-3R3
3.3
100
120
1.70
1.53
1.50
1.35
SIG3012-4R7
4.7
130
156
1.40
1.26
1.20
1.08
SIG3012-6R8
6.8
190
228
1.20
1.08
1.00
0.90
SIG3012-100
10.0
280
336
1.00
0.90
0.80
0.72
SIG3012-220
22.0
630
756
0.67
0.60
0.55
0.49
SIG3012-330
33.0
910
1,092
0.55
0.50
0.46
0.41
SIG3012-470
47.0
1,250
1,500
0.45
0.41
0.35
0.32
* :If you require another part number please contact with us.
**:Inductance Tolerance
± 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Idc : DC current (A) that will cause an approximate △T of 40℃
Note 3.: Isat : DC current (A) that will cause Lo to drop approximately 30%
Note 4.: Operating Temperature Range -55℃ to + 125℃
Note 5.: The part temperature (ambient + temp rise ) should not exceed 125℃ under worse case operating
conditions. Circuit design , component placement, PWB trace size and thickness, airflow and other
cooling provision all affect the part temperature. Part temperature should be verified in the end
application.
Note 6.: The rated current as listed is either the saturation current or the heating current depending on
which value is lower.
A
2.7 ~ 2.9
B
1.2 ~ 1.4
C
3.0
Unit : mm



Html Pages

1 2 3 4