전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GCM033 데이터시트(PDF) 28 Page - Murata Manufacturing Co., Ltd.

부품명 GCM033
상세설명  Chip Monolithic Ceramic Capacitors for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM033 데이터시트(HTML) 28 Page - Murata Manufacturing Co., Ltd.

Back Button GCM033 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. GCM033 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
!Caution
5. Optimum Solder Amount for Flow Soldering
5-1. The top of the solder fillet should be lower than the
thickness of components. If the solder amount is
excessive, the risk of cracking is higher during board
bending or any other stressful condition.
GCM18/21/31
∆TV150°C
Part Number
Temperature Differential
Table 2
[Standard Conditions for Flow Soldering]
[Allowable Flow Soldering Temperature and Time]
In case of repeated soldering, the accumulated
soldering time must be within the range shown above.
,,,
,,,








Soldering Time (sec.)
260
270
280
250
240
230
220
0
10
20
30
40
Up to Chip Thickness
Adhesive
Continued from the preceding page.
Continued on the following page.
Recommended Conditions
Soldering Peak Temperature
Atmosphere
Pb-Sn Solder
240 to 250
°C
Air
Lead Free Solder
250 to 260
°C
Preheating Peak Temperature
90 to 110
°C
100 to 120
°C
N2
30-90 seconds
5 seconds max.
∆T
Gradual
Cooling
Soldering
Preheating
Preheating
Peak
Temperature
Time
Temperature (
D)
Soldering
Peak
Temperature
Pb-Sn Solder: Sn-37Pb
Lead Free Solder: Sn-3.0Ag-0.5Cu
4-2. Flow Soldering
1. When sudden heat is applied to the components, the
mechanical strength of the components will decrease
because a sudden temperature change causes
deformation inside the components. In order to prevent
mechanical damage in the components, preheating
should be required for both of the components and the
PCB board.
Preheating conditions are shown in table 2. It is required
to keep temperature differential between the solder and
the components surface (
∆T) as small as possible.
2. Excessively long soldering time or high soldering
temperature can result in leaching of the outer electrodes,
causing poor adhesion or a reduction in capacitance
value due to loss of contact between electrodes and end
termination.
3. When components are immersed in solvent after
mounting, be sure to maintain the temperature difference
(
∆T) between the component and solvent within the range
shown in the table 2.
4. Do not apply flow soldering to chips not listed in table 2.
,,,,
,,,,
,,,,









in section
!Caution (Soldering and Mounting)
29
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C03E.pdf
10.5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com