전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC1702A 데이터시트(PDF) 12 Page - Linear Technology

부품명 LTC1702A
상세설명  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC1702A 데이터시트(HTML) 12 Page - Linear Technology

Back Button LTC1702A Datasheet HTML 8Page - Linear Technology LTC1702A Datasheet HTML 9Page - Linear Technology LTC1702A Datasheet HTML 10Page - Linear Technology LTC1702A Datasheet HTML 11Page - Linear Technology LTC1702A Datasheet HTML 12Page - Linear Technology LTC1702A Datasheet HTML 13Page - Linear Technology LTC1702A Datasheet HTML 14Page - Linear Technology LTC1702A Datasheet HTML 15Page - Linear Technology LTC1702A Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT3844
12
3844fb
APPLICATIONS INFORMATION
The typical range of values for
ΔIL is (0.2 • IOUT(MAX)) to
(0.5 • IOUT(MAX)), where IOUT(MAX) is the maximum load
current of the supply. Using
ΔIL = 0.3 • IOUT(MAX) yields a
good design compromise between inductor performance
versus inductor size and cost. A value of
ΔIL=0.3•IOUT(MAX)
produces a ±15% of IOUT(MAX) ripple current around the DC
output current of the supply. Lower values of
ΔIL require
larger and more costly magnetics. Higher values of
ΔIL
will increase the peak currents, requiring more filtering
on the input and output of the supply. If
ΔIL is too high,
the slope compensation circuit is ineffective and current
mode instability may occur at duty cycles greater than
50%. To satisfy slope compensation requirements the
minimum inductance is calculated as follows:
LV
DC
DC
R
f
OUT
MAX
MAX
SENSE
SW
>
•
–
•
•.
21
833
Some magnetics vendors specify a volt-second product
in their data sheet. If they do not, consult the magnetics
vendor to make sure the specification is not being exceeded
by your design. The volt-second product is calculated as
follows:
Volt-second (μsec) =
(–
) •
()
VV
V
V
IN MAX
OUT
OUT
IN
N MAX
SW
f
() •
The magnetics vendors specify either the saturation cur-
rent, the RMS current or both. When selecting an inductor
based on inductor saturation current, use the peak cur-
rent through the inductor, IOUT(MAX) + ΔIL/2. The inductor
saturation current specification is the current at which
the inductance, measured at zero current, decreases by
a specified amount, typically 30%.
When selecting an inductor based on RMS current rating,
use the average current through the inductor, IOUT(MAX).
The RMS current specification is the RMS current at which
the part has a specific temperature rise, typically 40°C,
above 25°C ambient.
After calculating the minimum inductance value, the
volt-second product, the saturation current and the RMS
current for your design, select an off-the-shelf inductor.
Contact the Application group at Linear Technology for
further support.
For more detailed information on selecting an inductor,
please see the “Inductor Selection” section of Linear
Technology Application Note 44.
Step-Down Converter: MOSFET Selection
The selection criteria of the external N-channel standard
level power MOSFET include on resistance(RDS(ON)), re-
verse transfer capacitance (CRSS), maximum drain source
voltage (VDSS), total gate charge (QG) and maximum
continuous drain current.
For maximum efficiency, minimize RDS(ON) and CRSS.
Low RDS(ON) minimizes conduction losses while low CRSS
minimizes transition losses. The problem is that RDS(ON) is
inversely related to CRSS. Balancing the transition losses
with the conduction losses is a good idea in sizing the
MOSFET. Select the MOSFET to balance the two losses.
Calculate the maximum conduction losses of the
MOSFET:
PI
V
V
R
COND
OUT MAX
OUT
IN
DS ON
=
⎛
⎝⎜
⎞
⎠⎟
()
(
)
()
(
)
2
Note that RDS(ON) has a large positive temperature depen-
dence. The MOSFET manufacturer’s data sheet contains a
curve, RDS(ON) vs Temperature.
Calculate the maximum transition losses:
PTRAN = (k)(VIN)2 (IOUT(MAX))(CRSS)(fSW)
where k is a constant inversely related to the gate driver
current, approximated by k = 2 for LT3844 applications.
The total maximum power dissipation of the MOSFET is
the sum of these two loss terms:
PFET(TOTAL) = PCOND + PTRAN
To achieve high supply efficiency, keep the PFET(TOTAL) to
less than 3% of the total output power. Also, complete
a thermal analysis to ensure that the MOSFET junction
temperature is not exceeded.
TJ = TA + PFET(TOTAL) • θJA
where
θJA is the package thermal resistance and TA is the
ambient temperature. Keep the calculated TJbelowthemax-
imum specified junction temperature, typically 150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com