| 전자부품 데이터시트 검색엔진 |
|
SF56B-G 데이터시트(PDF) 3 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
SF56B-G 데이터시트(HTML) 3 Page - Comchip Technology |
|
3 / 4 page ![]() Page 3 QW-BS007 REV: A Comchip Technology CO., LTD. Super Fast Rectifiers B Taping Specification For Axial Lead Diodes L1 L2 E A Z T E 90℃±5℃ B Z T E L1-L2 DO-27 SYMBOL A (mm) (inch) 0.040 (max) 10.0 ± 0.5 52.4 ± 0.5 6.0 ± 0.4 1.0 (max) 1.2 (max) 0.8 (max) 2.047 ± 0.020 0.197 ± 0.020 0.048 (max) 0.236 ± 0.016 0.032(max) L H W DO-27 SYMBOL Box Length (mm) (inch) 255.0 ± 5.0 10.04 ± 0.197 Box Width 78.0 ± 5.0 3.071 ± 0.197 Box Height 78.0 ± 5.0 3.071 ± 0.197 D1 D2 D W1 ( Ammo Packaging) D1 D2 W1 DO-27 SYMBOL D (mm) (inch) 330.000 85.7 ± 0.3 79.0 ± 1.0 16.6 ± 0.4 3.375 ± 0.012 13.000 0.654 ± 0.016 3.110 ± 0.039 ( Reel Packaging) |