| 전자부품 데이터시트 검색엔진 |
|
PCF8536AT1 데이터시트(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8536AT1 데이터시트(HTML) 35 Page - NXP Semiconductors |
|
35 / 74 page ![]() PCF8536 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 2 — 21 February 2012 35 of 74 NXP Semiconductors PCF8536 Universal LCD low multiplex driver with 6 channel PWM generator 8.9 Display RAM The display RAM stores the LCD data. Depending on the multiplex drive mode, the arrangement of the RAM is changed. • multiplex drive 1:8: RAM is 40 8 bit • multiplex drive 1:6: RAM is 42 6 bit • multiplex drive 1:4: RAM is 44 4 bit Logic 1 in the RAM bit map indicates the on-state (Von(RMS)) of the corresponding LCD element; similarly, logic 0 indicates the off-state (Voff(RMS)). For more information on Von(RMS) and Voff(RMS), see Section 8.4. There is a one-to-one correspondence between • the bits in the RAM bitmap and the LCD elements, The display RAM bitmap shows the direct relationship between the display RAM column and the segment outputs and between the bits in a RAM row and the backplane outputs. Fig 20. Display RAM bitmap Display RAM addresses (columns)/segment outputs (S) 013aaa454 BP0 BP1 BP2 BP3 BP4 BP5 BP6 BP7 S0 S1 S2 S3 S4 S35 S36 S37 S38 S39 Multiplex 1:8 drive mode Multiplex 1:6 drive mode Multiplex 1:4 drive mode S0 S1 S2 S3 S4 S35 S36 S37 S38 S39 S40 S41 BP0 BP1 BP2 BP3 BP4 BP5 BP0 BP1 BP2 BP3 S0 S1 S2 S3 S4 S35 S36 S37 S38 S39 S40 S41 S42 S43 |