| 전자부품 데이터시트 검색엔진 |
|
LTC1540CMS8 데이터시트(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1540CMS8 데이터시트(HTML) 3 Page - Linear Technology |
|
3 / 12 page ![]() 3 LTC1540 sn1540 1540fas The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = GND = 0V, TA = 25°C unless otherwise noted. ELECTRICAL CHARACTERISTICS V + = 3V, V – = GND = 0V, TA = 25°C unless otherwise noted. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VHYST Hysteresis Input Voltage Range ● REF – 50mV REF V tPD Propagation Delay COUT = 100pF Overdrive = 10mV 60 µs Overdrive = 100mV 50 µs VOH Output High Voltage IO = – 13mA ● V + – 0.4V V VOL Output Low Voltage IO = 1.8mA ● GND + 0.4V V Reference VREF Reference Voltage No Load (SO-8)/(DFN) Commercial ● 1.158 1.182 1.206 V MS8 Commercial ● 1.156 1.182 1.208 V (SO-8)/(MS8)/(DFN) Industrial ● 1.152 1.182 1.212 V ∆VREF Load Regulation 0 ≤ ISOURCE ≤ 100µA ● 0.5 2.5 mV 0 ≤ ISINK ≤ 10µA 0.5 1.5 mV ● 5mV SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS Power Supply V + Supply Voltage Range ● 211 V ICC Supply Current IN + = IN – = 80mV, HYST = REF, C-Grade ● 0.28 0.61 µA IN + = IN – = 80mV, HYST = REF, I-Grade ● 0.64 µA Comparator VOS Comparator Input Offset Voltage VCM = 2.5V ±12 mV ● ±15 mV LTC1540CMS8/IMS8 ● ±16 mV IIN Input Leakage Current (IN +, IN –)VIN+ = VIN– = 1.5V ● ±0.01 ±1nA Input Leakage Current (HYST) ● ±0.02 ±1nA VCM Comparator Input Common Mode Range ● V – V + – 1.3V V CMRR Common Mode Rejection Ratio V – to V + – 1.3V 0.1 1 mV/V PSRR Power Supply Rejection Ratio V + = 2V to 11V 0.1 1 mV/V VHYST Hysteresis Input Voltage Range ● REF – 50mV REF V tPD Propagation Delay COUT = 100pF Overdrive = 10mV 70 µs Overdrive = 100mV 60 µs VOH Output High Voltage IO = – 8mA ● V + – 0.4V V VOL Output Low Voltage IO = 0.8mA ● GND + 0.4V V Reference VREF Reference Voltage No Load (SO-8)/(DFN) Commercial ● 1.158 1.182 1.206 V MS8 Commercial ● 1.156 1.182 1.208 V (SO-8)/(MS8)/(DFN) Industrial ● 1.152 1.182 1.212 V ∆VREF Load Regulation 0 ≤ ISOURCE ≤ 100µA ● 0.75 3.5 mV 0 ≤ ISINK ≤ 10µA 0.5 1.5 mV ● 5mV Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: The θJA specified for the DD package is with minimal PCB heat spreading metal. Using expanded metal area on all layers of a board reduces this value. |