| 전자부품 데이터시트 검색엔진 |
|
MPC17C724EP/R2 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC17C724EP/R2 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 13 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 3 17C724 TERMINAL CONNECTIONS TERMINAL CONNECTIONS Figure 3. 17C724 Terminal Connections Table 1. 17C724 Terminal Definitions A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 8. Terminal Number Terminal Name Terminal Function Formal Name Definition 1 IN1A Logic Logic Input Control 1A Logic input control of OUT1A (refer to Table 5, Truth Table, page 7). 2 IN1B Logic Logic Input Control 1B Logic input control of OUT1B (refer to Table 5, Truth Table, page 7). 3 OUT1A Output H-Bridge Output 1A Output A of H-Bridge channel 1. 4 VM1 Power Motor Driver Power Supply 1 Positive power source connection for H-Bridge 1 (Motor Driver Power Supply) (1). 5 OUT2A Output H-Bridge Output 2A Output A of H-Bridge channel 2. 6, 7 PGND2 Ground Power Ground 2 High-current power ground 2 (2). 8 OUT2B Output H-Bridge Output 2B Output B of H-Bridge channel 2. 9 VM2 Power Motor Driver Power Supply 2 Positive power source connection for H-Bridge 2 (Motor Driver Power Supply) (1). 10 OUT1B Output H-Bridge Output 1B Output B of H-Bridge channel 1. 11 IN2B Input Logic Input Control 2B Logic input control of OUT2B (refer to Table 5, Truth Table, page 7). 12 IN2A Input Logic Input Control 2A Logic input control of OUT2A (refer to Table 5, Truth Table, page 7). 13 PSAVE Input Input Enable Control Logic input enable control of H-Bridges to save power. 14 LGND Ground Logic Ground Low-current logic signal ground (2). 15 PGND1 Ground Power Ground 1 High-current power ground 1 (2). 16 VDD Logic Logic Circuit Power Supply Positive power source connection for logic circuit. Notes 1. VM1 and VM2 are internally connected. 2. LGND, PGND1, and PGND2 are internally connected. Transparent Top View of Package 1N1A OUT1A VM1 1N1B 15 5 4 3 2 1 IN2A OUT1B VM2 IN2B 10 9 14 13 11 12 8 16 67 |