전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8323ECVRADDCA 데이터시트(PDF) 57 Page - Freescale Semiconductor, Inc

부품명 MPC8323ECVRADDCA
상세설명  PowerQUICC II Pro Integrated Communications Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323ECVRADDCA 데이터시트(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8323ECVRADDCA Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8323ECVRADDCA Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
Freescale Semiconductor
57
Package and Pin Listings
PCI_AD20
AB2
IO
OVDD
PCI_AD21
Y4
IO
OVDD
PCI_AD22
AC1
IO
OVDD
PCI_AD23
AA3
IO
OVDD
PCI_AD24
AA4
IO
OVDD
PCI_AD25
AD1
IO
OVDD
PCI_AD26
AD2
IO
OVDD
PCI_AD27
AB3
IO
OVDD
PCI_AD28
AB4
IO
OVDD
PCI_AD29
AE1
IO
OVDD
PCI_AD30
AC3
IO
OVDD
PCI_AD31
AC4
IO
OVDD
PCI_C_BE0
M4
IO
OVDD
PCI_C_BE1
T4
IO
OVDD
PCI_C_BE2
Y3
IO
OVDD
PCI_C_BE3
AC2
IO
OVDD
PCI_PAR
U3
IO
OVDD
PCI_FRAME
W1
IO
OVDD
5
PCI_TRDY
W4
IO
OVDD
5
PCI_IRDY
W2
IO
OVDD
5
PCI_STOP
V4
IO
OVDD
5
PCI_DEVSEL
W3
IO
OVDD
5
PCI_IDSEL
P2
I
OVDD
PCI_SERR
U4
IO
OVDD
5
PCI_PERR
V3
IO
OVDD
5
PCI_REQ0
AD4
IO
OVDD
PCI_REQ1/CPCI_HS_ES
AE3
I
OVDD
PCI_REQ2
AF3
I
OVDD
PCI_GNT0
AD3
IO
OVDD
PCI_GNT1/CPCI_HS_LED
AE4
O
OVDD
PCI_GNT2/CPCI_HS_ENUM
AF4
O
OVDD
M66EN
L4
I
OVDD
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com