| 전자부품 데이터시트 검색엔진 |
|
AD7528LP 데이터시트(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7528LP 데이터시트(HTML) 2 Page - Analog Devices |
|
2 / 8 page ![]() REV. B –2– AD7528–SPECIFICATIONS (V REF A = VREF B = +10 V; OUT A = OUT B = O V unless otherwise noted) VDD = +5 V VDD = +15 V Parameter Version 1 TA = +25 °CT MIN, TMAX TA= +25 °CT MIN, TMAX Units Test Conditions/Comments STATIC PERFORMANCE 2 Resolution All 8 8 8 8 Bits Relative Accuracy J, A, S ± 1 ± 1 ± 1 ± 1 LSB max This is an Endpoint Linearity Specification K, B, T ± 1/2 ± 1/2 ± 1/2 ± 1/2 LSB max L, C, U ± 1/2 ± 1/2 ± 1/2 ± 1/2 LSB max Differential Nonlinearity All ± 1 ± 1 ± 1 ± 1 LSB max All Grades Guaranteed Monotonic Over Full Operating Temperature Range Gain Error J, A, S ± 4 ± 6 ± 4 ± 5 LSB max Measured Using Internal RFB A and RFB B K, B, T ± 2 ± 4 ± 2 ± 3 LSB max Both DAC Latches Loaded with 11111111 L, C, U ± 1 ± 3 ± 1 ± 1 LSB max Gain Error is Adjustable Using Circuits of Figures 4 and 5 Gain Temperature Coefficient 3 ∆Gain/∆Temperature All ± 0.007 ± 0.007 ± 0.0035 ± 0.0035 %/ °C max Output Leakage Current OUT A (Pin 2) All ± 50 ± 400 ± 50 ± 200 nA max DAC Latches Loaded with 00000000 OUT B (Pin 20) All ± 50 ± 400 ± 50 ± 200 nA max Input Resistance (VREF A, VREF B) All 8 8 8 8 k Ω min Input Resistance TC = –300 ppm/ °C, Typical 15 15 15 15 k Ω max Input Resistance is 11 k Ω VREF A/VREF B Input Resistance Match All ± 1 ± 1 ± 1 ± 1% max DIGITAL INPUTS4 Input High Voltage VIH All 2.4 2.4 13.5 13.5 V min Input Low Voltage VIL All 0.8 0.8 1.5 1.5 V max Input Current IIN All ± 1 ± 10 ± 1 ± 10 µA max VIN = 0 or VDD Input Capacitance DB0–DB7 All 10 10 10 10 pF max WR, CS, DAC A/DAC B All 15 15 15 15 pF max SWITCHING CHARACTERISTICS3 See Timing Diagram Chip Select to Write Set Up Time tCS All 90 100 60 80 ns min Chip Select to Write Hold Time tCH All 0 0 10 15 ns min DAC Select to Write Set Up Time tAS All 90 100 60 80 ns min DAC Select to Write Hold Time tAH All 0 0 10 15 ns min Data Valid to Write Set Up Time tDS All 80 90 30 40 ns min Data Valid to Write Hold Time tDH All 0 0 0 0 ns min Write Pulsewidth tWR All 90 100 60 80 ns min POWER SUPPLY See Figure 3 IDD All 2 2 2 2 mA max All Digital Inputs VIL or VIH All 100 500 100 500 µA max All Digital Inputs 0 V or VDD AC PERFORMANCE CHARACTERISTICS5 V DD = +5 V V DD = +15 V Parameter Version1 T A = +25°CTMIN, TMAX T A= +25°CTMIN, TMAX Units Test Conditions/Comments DC SUPPLY REJECTION ( ∆GAIN/∆V DD) All 0.02 0.04 0.01 0.02 % per % max ∆V DD = ± 5% CURRENT SETTLING TIME 2 All 350 400 180 200 ns max To 1/2 LSB. OUT A/OUT B Load = 100 Ω. WR = CS = 0 V. DB0–DB7 = 0 V to VDD or VDD to 0 V PROPAGATION DELAY (From Digital In- VREF A = VREF B = +10 V put to 90% of Final Analog Output Current) All 220 270 80 100 ns max OUT A, OUT B Load = 100 Ω C EXT = 13 pF WR = CS = 0 V DB0–DB7 = 0 V to VDD or VDD to 0 V DIGITAL-TO-ANALOG GLITCH IMPULSE All 160 440 nV sec typ For Code Transition 00000000 to 11111111 OUTPUT CAPACITANCE COUTA All 50 50 50 50 pF max DAC Latches Loaded with 00000000 COUTB 50 505050pF max COUTA 120 120 120 120 pF max DAC Latches Loaded with 11111111 COUTB 120 120 120 120 pF max AC FEEDTHROUGH 6 VREF A to OUT A All –70 –65 –70 –65 dB max VREF A, VREF B = 20 V p-p Sine Wave VREF B to OUT B –70 –65 –70 –65 dB max @ 100 kHz (Measured Using Recommended P.C. Board Layout (Figure 7) and AD644 as Output Amplifiers) |