전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APL3540 데이터시트(PDF) 9 Page - Anpec Electronics Coropration

부품명 APL3540
상세설명  High-Side Power Distribution Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3540 데이터시트(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3540 Datasheet HTML 5Page - Anpec Electronics Coropration APL3540 Datasheet HTML 6Page - Anpec Electronics Coropration APL3540 Datasheet HTML 7Page - Anpec Electronics Coropration APL3540 Datasheet HTML 8Page - Anpec Electronics Coropration APL3540 Datasheet HTML 9Page - Anpec Electronics Coropration APL3540 Datasheet HTML 10Page - Anpec Electronics Coropration APL3540 Datasheet HTML 11Page - Anpec Electronics Coropration APL3540 Datasheet HTML 12Page - Anpec Electronics Coropration APL3540 Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Oct., 2013
APL3540
www.anpec.com.tw
9
Block Diagram
Typical Application Circuit
Charge
Pump and
Gate Driver
UVLO
Logic Control
V
INx0.7
5V LDO
V
INx0.9
V
OUT
T
D(POK)
1.275V
1.8V
POK
VIN
VINSEL
DRV
VOUT
5V
UVP
Bias+Band-Gap
T
D(ON)
OCSET
V
OUT
OCP
POK
SCP
V
OUT
V
DRV
POK_WD
EN
5V
Clock
Generator
GND
POK
POK_WD
2.5~3.5V,
0.1V/step
APL3540
VIN
DRV
VOUT
VINSEL
EN
POK
OCSET
GND
0.1
µF
ON
OFF
68nF
470
µF
R1
R2
R3
R
OCSET
C
IN
C
OUT
C1
R5
C2 1nF
50k
2k
23.2k
1%
1%
4k
Adapter
V
OUT
19V
(option)
Q1
IPD09N03L
4.7
1
2
3
4
5
6
7
8
R
G 47Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com