| 전자부품 데이터시트 검색엔진 |
|
APW7008 데이터시트(PDF) 18 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APW7008 데이터시트(HTML) 18 Page - Anpec Electronics Coropration |
|
18 / 22 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.4 - Jun., 2009 APW7008 www.anpec.com.tw 18 Application A H T1 C d D W E1 F 178± 2.00 50 MIN. 12.4+2.00 -0.00 13.0+0.50 -0.20 1.5 MIN. 20.2 MIN. 12.0± 0.30 1.75± 0.10 5.5± 0.05 P0 P1 P2 D0 D1 T A0 B0 K0 QFN3x3-16 4.0± 0.10 4.0± 0.10 2.0± 0.05 1.5+0.10 -0.00 1.5 MIN. 0.6+0.00 -0.40 3.30± 0.20 3.30± 0.20 1.30± 0.20 Carrier Tape & Reel Dimensions Devices Per Unit (mm) Package Type Unit Quantity QFN3x3-16 Tape & Reel 3000 A A B P0 OD0 B A0 P2 K0 SECTION B-B SECTION A-A OD1 P1 T1 d |