전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APW7066 데이터시트(PDF) 32 Page - Anpec Electronics Coropration

부품명 APW7066
상세설명  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 데이터시트(HTML) 32 Page - Anpec Electronics Coropration

Back Button APW7066 Datasheet HTML 27Page - Anpec Electronics Coropration APW7066 Datasheet HTML 28Page - Anpec Electronics Coropration APW7066 Datasheet HTML 29Page - Anpec Electronics Coropration APW7066 Datasheet HTML 30Page - Anpec Electronics Coropration APW7066 Datasheet HTML 31Page - Anpec Electronics Coropration APW7066 Datasheet HTML 32Page - Anpec Electronics Coropration APW7066 Datasheet HTML 33Page - Anpec Electronics Coropration APW7066 Datasheet HTML 34Page - Anpec Electronics Coropration APW7066 Datasheet HTML 35Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Aug., 2009
APW7066
www.anpec.com.tw
32
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00
50 MIN.
12.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN.
12.0±
0.30 1.75±
0.10
5.5±
0.10
P0
P1
P2
D0
D1
T
A0
B0
K0
QFN 5x5-32
4.0±
0.10
8.0±
0.10
2.0±
0.10
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
5.35±
0.20
5.35±
0.20
1.30±
0.20
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00
50 MIN.
16.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN.
16.0±
0.30 1.75±
0.10
7.50±
0.10
P0
P1
P2
D0
D1
T
A0
B0
K0
TSSOP-24P
4.00±
0.10
8.00±
0.10
2.00±
0.10
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
6.9±
0.20
8.30.±
0.20
1.50±
0.20
(mm)
Carrier Tape & Reel Dimensions
Devices Per Unit
Package Type
Unit
Quantity
QFN5x5-32
Tape & Reel
2500
TSSOP-24P
Tape & Reel
2000
T1
d
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35