전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

551-0807 데이터시트(PDF) 9 Page - Dialight Corporation

부품명 551-0807
상세설명  3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALIGHT [Dialight Corporation]
홈페이지  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

551-0807 데이터시트(HTML) 9 Page - Dialight Corporation

  551-0807 Datasheet HTML 1Page - Dialight Corporation 551-0807 Datasheet HTML 2Page - Dialight Corporation 551-0807 Datasheet HTML 3Page - Dialight Corporation 551-0807 Datasheet HTML 4Page - Dialight Corporation 551-0807 Datasheet HTML 5Page - Dialight Corporation 551-0807 Datasheet HTML 6Page - Dialight Corporation 551-0807 Datasheet HTML 7Page - Dialight Corporation 551-0807 Datasheet HTML 8Page - Dialight Corporation 551-0807 Datasheet HTML 9Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
4-64 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3mm Discrete LED
High Efficiency
Diffused
521-94xx
TYPE
COLOR
521-9408
Green
521-9427
Red
521-9428
Yellow
Green
Red
Yellow
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9408
-9427
-9428
Power Dissipation (mW)
75
60
60
Forward Current (mA)
25
20
20
Derating (mA/°C) From 50°C
.5
.5
.5
Peak Current (mA)
60
60
60
Operating Temperature (°C)
-25/+85
-25/+85
-25/+85
Storage Temperature (°C)
-30/+100
-30/+100
-30/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Green
Red
Yellow
OPERATING CHARACTERISTICS (T
A=25°C)
-9408
-9427
-9428
Luminous Intensity (mcd)
Min.
5.6
3.6
2.2
IF=10mA
Typical
16
10
6.3
Peak Wavelength (nm)
Typical
563
650
585
λ Peak
Viewing Angle (2
Θ ½)
Typical
45°
45°
45°
Forward Voltage (V)
Typical
2.1
2
2.1
IF=10mA
Max.
3
3
3
Reverse Voltage (V), IR=10µA
Min.
3
3
3
.50
[.020]
NOM
1.30
±.25
[.051
±.010]
24.00
±.25
[.945
±.010]
4.70
±.20
[.185
±.008]
3.09
±.20
[.122
±.008]
6.10
±.38
[.240
±.015]
.79
±.20
[.031
±.008]
3.30
[.130]
MAX
.50
[.020]
NOM
2.49
±.25
[.098
±.010]
CATHODE (–)
1.0
[.040]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
Dimensions in mm [inches]
MOUNTING CLIP: 515-0006
located on page 4-65



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com