전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APW7290 데이터시트(PDF) 12 Page - Anpec Electronics Coropration

부품명 APW7290
상세설명  1.5MHz, 1A Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7290 데이터시트(HTML) 12 Page - Anpec Electronics Coropration

Back Button APW7290 Datasheet HTML 8Page - Anpec Electronics Coropration APW7290 Datasheet HTML 9Page - Anpec Electronics Coropration APW7290 Datasheet HTML 10Page - Anpec Electronics Coropration APW7290 Datasheet HTML 11Page - Anpec Electronics Coropration APW7290 Datasheet HTML 12Page - Anpec Electronics Coropration APW7290 Datasheet HTML 13Page - Anpec Electronics Coropration APW7290 Datasheet HTML 14Page - Anpec Electronics Coropration APW7290 Datasheet HTML 15Page - Anpec Electronics Coropration APW7290 Datasheet HTML 16Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jun., 2013
www.anpec.com.tw
12
APW7290
Application Information (Cont.)
Thermal Consideration
In most applications, the APW7290 does not dissipate
much heat due to its high efficiency. But, in applications
where the APW7290 is running at high ambient tempera-
ture with low supply voltage and high duty cycles, the heat
dissipated may exceed the maximum junction tempera-
ture of the part. If the junction temperature reaches ap-
proximately 150°C, both power switches will be turned
off and the SW node will become high impedance.
To avoid the APW7290 from exceeding the maximum junc-
tion temperature, the user will need to do some thermal
analysis. The goal of the thermal analysis is to deter-
mine whether the power dissipated exceeds the maxi-
mum junction temperature of the part. The power dissi-
pated by the part is approximated:
P
D ≅ IOUT
2 x (R
P-FET x D+RN-FET x (1-D))
The temperature rise is given by:
T
R = (PD)(θJA)
Where P
D is the power dissipated by the regulator, D is
duty cycle of main switch
D = V
OUT/VIN
The
θ
JA is the thermal resistance from the junction of the
die to the ambient temperature. The junction temperature,
T
J, is given by:
T
J = TA + TR
Where T
A is the ambient temperature.
Output Capacitor Selection (Cont.)
I
LIM
I
L
I
PEAK
I
OUT
I
P-FET
∆I
L
The maximum power dissipation on the device can be
shown as follow figure:
Layout Consideration
For all switching power supplies, the layout is an impor-
tant step in the design; especially at high peak currents
and switching frequencies. If the layout is not carefully
done, the regulator might show noise problems and duty
cycle jitter.
1. The input capacitor should be placed close to the VIN
and GND. Connecting the capacitor and VIN/GND with
short and wide trace without any via holes for good
input voltage filtering. The distance between VIN/GND
to capacitor less than 2mm respectively is
recommended.
2. To minimize copper trace connections that can inject
noise into the system, the inductor should be placed
as close as possible to the SW pin to minimize the
noise coupling into other circuits.
3. The output capacitor should be place closed to con-
verter VOUT and GND.
4. Since the feedback pin and network is a high imped-
ance circuit the feedback network should be routed
away from the inductor. The feedback pin and feed-
back network should be shielded with a ground plane
or trace to minimize noise coupling into this circuit.
5. A star ground connection or ground plane minimizes
ground shifts and noise is recommended.
Junction Temperature(
oC)
-50
-25
0
25
50
75
100
125
150
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com