| 전자부품 데이터시트 검색엔진 |
|
APW8811 데이터시트(PDF) 8 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APW8811 데이터시트(HTML) 8 Page - Anpec Electronics Coropration |
|
8 / 23 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.3 - Sep., 2012 APW8811 www.anpec.com.tw 8 Pin Description (Cont.) PIN NO. NAME FUNCTION 21 UGATE1 Output of The High-Side MOSFET Driver for PWM1. Connect this pin to Gate of the high-side MOSFET. 22 BOOT1 Supply Input for The UGATE1 Gate Driver and an internal level-shift circuit. Connect to an external capacitor to create a boosted voltage suitable to drive a logic-level N-channel MOSFET. 23 POK Power-Good Output Pin of Both PWMs.(Logic AND) POK is an open-drain output used to indicate the status of the PWMx output voltage. Connect the POK in to +5V through a pull-high resistor. 24 VOUT1 PWM1 Output Voltage-Sense Input. The VOUT1 pin makes a direct measurement of the PWM1 output voltage. VOUT1 is an input to the constant-on-time PWM one-time one-shot circuit. Thermal Pad GND Signal Ground for The IC. |