| 전자부품 데이터시트 검색엔진 |
|
E3F2-R4C4F-P1 데이터시트(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R4C4F-P1 데이터시트(HTML) 1 Page - Omron Electronics LLC |
|
1 / 24 page ![]() Photoelectric Sensors E3F2 1 Photoelectric Sensors E3F2 Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch • M18 DIN-sized cylindrical housing • Housing materials: plastic, nickel plated brass and stainless steel • Axial and radial types (with integrated 90°-optics) • Enclosure rating IP67 • DC switching types with connectors for easy maintenance • Full metal plug-in type • Sensing distance separate types: 7 m, 10 m • Retroreflective polarizing types: 2 m, 4 m • Background suppression type: 10 cm • Long detection distance (0.3 m, 1 m) with sensitivity adjust- er for diffuse type • Wide-beam characteristics (10 cm) for diffuse type • Wide operating voltage range (10 to 30 VDC or 24 to 240 VAC) • Short-circuit and reverse connection protection (DC switching type) • UL and CSA approved (AC switching types) • UL listed (DC switching types) |
유사한 부품 번호 - E3F2-R4C4F-P1 |
|
유사한 설명 - E3F2-R4C4F-P1 |