전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APX9268 데이터시트(PDF) 11 Page - Anpec Electronics Coropration

부품명 APX9268
상세설명  Single-Phase Full-Wave Motor Driver for Silent Fan Motor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9268 데이터시트(HTML) 11 Page - Anpec Electronics Coropration

Back Button APX9268 Datasheet HTML 5Page - Anpec Electronics Coropration APX9268 Datasheet HTML 6Page - Anpec Electronics Coropration APX9268 Datasheet HTML 7Page - Anpec Electronics Coropration APX9268 Datasheet HTML 8Page - Anpec Electronics Coropration APX9268 Datasheet HTML 9Page - Anpec Electronics Coropration APX9268 Datasheet HTML 10Page - Anpec Electronics Coropration APX9268 Datasheet HTML 11Page - Anpec Electronics Coropration APX9268 Datasheet HTML 12Page - Anpec Electronics Coropration APX9268 Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Mar., 2008
www.anpec.com.tw
11
APX9268
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00 50 MIN.
12.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN. 12.0±
0.30 1.75±
0.10
5.5±
0.10
P0
P1
P2
D0
D1
T
A0
B0
K0
MSOP- 8
4.00
±0.10 8.00±0.10 2.00±0.10
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
6.70
±0.20 3.30±0.20 1.40±0.20
(mm)
Devices Per Unit
Package Type
Unit
Quantity
MSOP- 8
Tape & Reel
3000
Carrier Tape & Reel Dimensions
T1
d
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13