전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDBCT320-HF 데이터시트(PDF) 3 Page - Comchip Technology

부품명 CDBCT320-HF
상세설명  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBCT320-HF 데이터시트(HTML) 3 Page - Comchip Technology

  CDBCT320-HF Datasheet HTML 1Page - Comchip Technology CDBCT320-HF Datasheet HTML 2Page - Comchip Technology CDBCT320-HF Datasheet HTML 3Page - Comchip Technology CDBCT320-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B
C
d
D
D2
D1
E
F
P
P0
P1
SYMBOL
W
W1
(mm)
(inch)
0.219 ± 0.004
0.322 ± 0.004
0.085 ± 0.004
0.061 ± 0.002
12.992 ± 0.079
1.969 MIN.
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.069 ± 0.004
0.295 ± 0.004
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.630± 0.012
0.724 MAX.
5.56 ± 0.10
8.18 ± 0.10
8.00 ± 0.10
1.55 ± 0.05
7.50 ± 0.10
1.75 ± 0.10
50.0 MIN.
13.0 ± 0.50
2.16 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
16.00 ± 0.30
18.40 MAX.
330 ± 2.00
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D
W1
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
A
D2
Page 3
QW-JB044
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
(DO-214AB)
3220
(DO-214AB)
3220
SMD Schottky Barrier Diode



Html Pages

1 2 3 4