| 전자부품 데이터시트 검색엔진 |
|
18F8680 데이터시트(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F8680 데이터시트(HTML) 31 Page - Microchip Technology |
|
31 / 496 page ![]() 2004 Microchip Technology Inc. DS30491C-page 29 PIC18F6585/8585/6680/8680 If the main oscillator is configured for HS mode with PLL active, an oscillator start-up time (TOST) plus an additional PLL time-out (TPLL) will occur. The PLL time- out is typically 2 ms and allows the PLL to lock to the main oscillator frequency. A timing diagram, indicating the transition from the Timer1 oscillator to the main oscillator for HS-PLL mode, is shown in Figure 2-10. If the main oscillator is configured for EC mode with PLL active, only the PLL time-out (TPLL) will occur. The PLL time-out is typically 2 ms and allows the PLL to lock to the main oscillator frequency. A timing diagram, indicat- ing the transition from the Timer1 oscillator to the main oscillator for EC with PLL active, is shown in Figure 2-11. FIGURE 2-10: TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (HS WITH PLL ACTIVE, SCS1 = 1) FIGURE 2-11: TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (EC WITH PLL ACTIVE, SCS1 = 1) Q4 Q1 Q1 Q2 Q3 Q4 Q1 Q2 OSC1 Internal System SCS (OSCCON<0>) Program Counter PC PC + 2 Note: TOST = 1024 TOSC (drawing not to scale). T1OSI Clock TOST Q3 PC + 4 TPLL TOSC TT1P TSCS Q4 PLL Clock Input 1 2 3 4 56 78 Q4 Q1 Q1 Q2 Q3 Q4 Q1 Q2 OSC1 Internal System SCS (OSCCON<0>) Program Counter PC PC + 2 T1OSI Clock Q3 PC + 4 TPLL TOSC TT1P TSCS Q4 PLL Clock Input 1 2 3 4 56 78 |