| 전자부품 데이터시트 검색엔진 |
|
18F8680 데이터시트(PDF) 128 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F8680 데이터시트(HTML) 128 Page - Microchip Technology |
|
128 / 496 page ![]() PIC18F6585/8585/6680/8680 DS30491C-page 126 2004 Microchip Technology Inc. FIGURE 10-2: BLOCK DIAGRAM OF RA3:RA0 AND RA5 PINS FIGURE 10-3: BLOCK DIAGRAM OF RA4/T0CKI PIN FIGURE 10-4: BLOCK DIAGRAM OF RA6 PIN (WHEN ENABLED AS I/O) Data Bus Q D Q CK Q D Q CK QD EN P N WR LATA WR TRISA Data Latch TRIS Latch RD TRISA RD PORTA VSS VDD I/O pin(1) Note 1: I/O pins have protection diodes to VDD and VSS. Analog Input Mode TTL Input Buffer To A/D Converter and LVD Modules RD LATA or PORTA Data Bus WR TRISA RD PORTA Data Latch TRIS Latch Schmitt Trigger Input Buffer N VSS I/O pin(1) TMR0 Clock Input Q D Q CK Q D Q CK EN QD EN RD LATA WR LATA or PORTA RD TRISA Note 1: I/O pins have protection diodes to VDD and VSS. Data Bus Q D Q CK QD EN P N WR LATA WR Data Latch TRIS Latch RD RD PORTA VSS VDD I/O pin(1) Note 1: I/O pins have protection diodes to VDD and VSS. or PORTA RD LATA ECRA6 or TTL Input Buffer ECRA6 or RCRA6 Enable RCRA6 Enable TRISA Q D Q CK TRISA |