전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ16GA 데이터시트(PDF) 33 Page - Microchip Technology

부품명 PIC24FJ16GA
상세설명  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA 데이터시트(HTML) 33 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 29Page - Microchip Technology PIC24FJ16GA Datasheet HTML 30Page - Microchip Technology PIC24FJ16GA Datasheet HTML 31Page - Microchip Technology PIC24FJ16GA Datasheet HTML 32Page - Microchip Technology PIC24FJ16GA Datasheet HTML 33Page - Microchip Technology PIC24FJ16GA Datasheet HTML 34Page - Microchip Technology PIC24FJ16GA Datasheet HTML 35Page - Microchip Technology PIC24FJ16GA Datasheet HTML 36Page - Microchip Technology PIC24FJ16GA Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
© 2008 Microchip Technology Inc.
DS39768D-page 33
PIC24FJXXXGA0XX
FIGURE 4-5:
CONFIGURATION BIT PROGRAMMING FLOW
4.7
Exiting Enhanced ICSP Mode
Exiting Program/Verify mode is done by removing VIH
from MCLR, as shown in Figure 4-6. The only require-
ment for exit is that an interval, P16, should elapse
between the last clock and program signals on PGCx
and PGDx before removing VIH.
FIGURE 4-6:
EXITING ENHANCED
ICSP™ MODE
Send PROGW
Command
ConfigAddress = 0157FCh(1)
Is
PROGW response
PASS?
No
Yes
No
Failure
Report Error
Start
Finish
Yes
Is
ConfigAddress
0157FEh?(1)
ConfigAddress =
ConfigAddress + 2
Note 1:
Configuration Word addresses for PIC24FJ128GA devices are shown. Refer to Table 2-2 for others.
MCLR
P16
PGDx
PGDx = Input
PGCx
VDD
VIH
VIH
P17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52