| 전자부품 데이터시트 검색엔진 |
|
AD5245BRJ50-R2 데이터시트(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5245BRJ50-R2 데이터시트(HTML) 14 Page - Analog Devices |
|
14 / 20 page ![]() AD5245 Rev. B | Page 14 of 20 PROGRAMMING THE POTENTIOMETER DIVIDER Voltage Output Operation The digital potentiometer easily generates a voltage divider at wiper-to-B and wiper-to-A proportional to the input voltage at A to B. Unlike the polarity of VDD to GND, which must be positive, voltage across A to B, W to A, and W to B can be at either polarity. A VI W B VO Figure 37. Potentiometer Mode Configuration If ignoring the effect of the wiper resistance for approximation, then connecting the A terminal to 5 V and the B terminal to ground produces an output voltage at the wiper-to-B starting at 0 V up to 1 LSB less than 5 V. Each LSB of voltage is equal to the voltage applied across Terminal A and B divided by the 256 positions of the potentiometer divider. The general equation defining the output voltage at VW with respect to ground for any valid input voltage applied to Terminals A and B is B A W V D V D D V 256 256 256 ) ( − + = (3) A more accurate calculation, which includes the effect of wiper resistance, VW, is B AB WA A AB WB W V R D R V R D R D V ) ( ) ( ) ( + = (4) Operation of the digital potentiometer in the divider mode results in a more accurate operation over temperature. Unlike the rheostat mode, the output voltage is dependent mainly on the ratio of the internal resistors, RWA and RWB, not the absolute values. Therefore, the temperature drift reduces to 15 ppm/°C. ESD PROTECTION All digital inputs are protected with a series of input resistors and parallel Zener ESD structures, shown in Figure 38 and Figure 39. This applies to the digital input pins SDA, SCL, and AD0. LOGIC 340Ω GND Figure 38. ESD Protection of Digital Pins A, B, W GND Figure 39. ESD Protection of Resistor Terminals TERMINAL VOLTAGE OPERATING RANGE The AD5245 VDD and GND power supply defines the boundary conditions for proper 3-terminal digital potentiometer operation. Supply signals present on Terminals A, B, and W that exceed VDD or GND are clamped by the internal forward-biased diodes (see Figure 40). GND A W B VDD Figure 40. Maximum Terminal Voltages Set by VDD and GND POWER-UP SEQUENCE Because the ESD protection diodes limit the voltage compliance at Terminals A, B, and W (see Figure 40), it is important to power VDD and GND before applying any voltage to Terminals A, B, and W; otherwise, the diode is forward biased such that VDD is powered unintentionally and can affect the rest of the user’s circuit. The ideal power-up sequence is in the following order: GND, VDD, digital inputs, and then VA, VB, and VW. The relative order of powering VA, VB, VW, and the digital inputs is not important as long as they are powered after VDD and GND. LAYOUT AND POWER SUPPLY BYPASSING It is good practice to employ compact, minimum lead length layout design. The leads to the inputs should be as direct as possible with a minimum conductor length. Ground paths should have low resistance and low inductance. Similarly, it is also good practice to bypass the power supplies with quality capacitors for optimum stability. Supply leads to the device should be bypassed with disk or chip ceramic capacitors of 0.01 µF to 0.1 µF. Low ESR 1 µF to 10 µF tantalum or electrolytic capacitors should also be applied at the supplies to minimize any transient disturbance and low frequency ripple (see Figure 41). Note that the digital ground should also be joined remotely to the analog ground at one point to minimize the ground bounce. VDD GND VDD C3 10µF C1 0.1µF AD5245 + Figure 41. Power Supply Bypassing |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |