전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC5675IPHPR 데이터시트(PDF) 12 Page - Texas Instruments

부품명 DAC5675IPHPR
상세설명  14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5675IPHPR 데이터시트(HTML) 12 Page - Texas Instruments

Back Button DAC5675IPHPR Datasheet HTML 8Page - Texas Instruments DAC5675IPHPR Datasheet HTML 9Page - Texas Instruments DAC5675IPHPR Datasheet HTML 10Page - Texas Instruments DAC5675IPHPR Datasheet HTML 11Page - Texas Instruments DAC5675IPHPR Datasheet HTML 12Page - Texas Instruments DAC5675IPHPR Datasheet HTML 13Page - Texas Instruments DAC5675IPHPR Datasheet HTML 14Page - Texas Instruments DAC5675IPHPR Datasheet HTML 15Page - Texas Instruments DAC5675IPHPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
DAC5675
SLAS352C − DECEMBER 2001 − REVISED AUGUST 2004
12
www.ti.com
analog current outputs (continued)
The DAC5675 can easily be configured to drive a doubly terminated 50-
Ω cable using a properly selected
transformer. Figure 11 and Figure 12 show the 1:1 and 4:1 impedance ratio configuration. These configurations
provide maximum rejection of common-mode noise sources and even order distortion components, thereby
doubling the DAC’s power to the output. The center tap on the primary side of the transformer is terminated to
AVDD, enabling a dc current flow for both IOUT1 and IOUT2. Note that the ac performance of the DAC5675
is optimum and specified using a 1:1 differential transformer coupled output.
IOUT1
1:1
IOUT2
DAC5675
3.3 V
(AVDD)
50
Ω
50
Ω
3.3 V
(AVDD)
3.3 V
(AVDD)
RLOAD
50
Ω
100
Ω
Figure 11. Driving a Doubly Terminated 50-
Ω Cable Using a 1:1 Impedance Ratio Transformer
4:1
DAC5675
3.3 V
(AVDD)
100
Ω
100
Ω
3.3 V
(AVDD)
3.3 V
(AVDD)
RLOAD
50
Ω
IOUT1
IOUT2
15
Ω
Figure 12. Driving a Doubly Terminated 50-
Ω Cable Using a 4:1 Impedance Ratio Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com