| 전자부품 데이터시트 검색엔진 |
|
TAS5706APAPRG4 데이터시트(PDF) 34 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5706APAPRG4 데이터시트(HTML) 34 Page - Texas Instruments |
|
34 / 71 page ![]() Loudness Function Volume Biquad(0x24) From Input Mux To Output Mux Loudness Biquad(0x23) Gain=G 1ifVol 1/G 0ifVol 1/G+1/Scale 1 Scale(Vol 1/G)otherwise £ ³ - - 0ifVol 1/G 1ifVol 1/G+1/Scale Scale(Vol 1/G)otherwise £ ³ - B0273-01 Scale=1/(1 1/G) - TAS5706A TAS5706B SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009............................................................................................................................................. www.ti.com The TAS5706A provides a direct form I biquad for loudness on the subwoofer channel. The first biquad is contained in a gain-compensation circuit that maintains the overall system gain at 1 or less to prevent clipping at loud volume settings. This gain compensation is shown in Figure 46 Figure 46. Biquad Gain Control Structure Table 1. Loudness Table Example for Gain = 4, 1/G = 0.25, Scale = 1.33 Volume 0.125 0.25 0.375 0.5 0.625 0.75 0.875 1 1.125 1.25 1.375 1.5 1.625 1.75 1.875 2 Biquad path 1 1 0.833 0.666 0.5 0.333 0.166 0 0 0 0 0 0 0 0 0 Direct path 0 0 0.166 0.333 0.5 0.666 0.833 1 1 1 1 1 1 1 1 1 Total gain 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 The biquads are implemented in a direct form-I architecture. The direct form-I structure provides a separate delay element and mixer (gain coefficient) for each node in the biquad filter. The five 26-bit (3.23) coefficients for the biquad are programmable via the I2C interface. The following steps are involved in using a loudness biquad with the volume compensation feature: 1. Program the biquad with a loudness filter. 2. Program 0x26 (1/G) and 0x28 (scale). 3. Enable volume compensation in register 0x0E. 34 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): TAS5706A TAS5706B TAS5706A is Not Recommended for New Designs |