| 전자부품 데이터시트 검색엔진 |
|
S25FS256S 데이터시트(PDF) 52 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S25FS256S 데이터시트(HTML) 52 Page - SPANSION |
|
52 / 154 page ![]() 52 S25FS-S Family S25FS-S_00_04 November 6, 2013 Data Sheet (Pre limin ar y) 7.4 FAC024 24-Ball BGA Package 7.4.1 Connection Diagram Figure 7.10 24-Ball BGA, 4x6 Ball Footprint (FAC024), Top View Notes: 1. Signal connections are in the same relative positions as FAB024 BGA, allowing a single PCB footprint to use either package. 2. The RESET# input has an internal pull-up and may be left unconnected in the system if Quad Mode and hardware reset are not in use. 3 24 1 NC NC RFU B D E A C VSS SCK VDD DNU RFU CS# WP#/IO2 DNU SI/IO0 SO/IO1 IO3/ RESET# DNU NC NC RFU NC NC NC NC NC NC F |