| 전자부품 데이터시트 검색엔진 |
|
BQ30Z554DBTR-R1 데이터시트(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BQ30Z554DBTR-R1 데이터시트(HTML) 18 Page - Texas Instruments |
|
18 / 29 page ![]() bq30z554-R1 SLUSBD4 – OCTOBER 2013 www.ti.com FEATURE SET Protections Safety Features The bq30z554-R1 supports a wide range of battery and system protection features that can easily be configured. The Protections safety features include: • Cell Undervoltage Protection • Cell Undervoltage I*R Compensated Protection • Cell Overvoltage Protection • Overcurrent in Charge Protection 1 and 2 • Overcurrent in Discharge Protection 1 and 2 • Overload in Discharge Protection • Short Circuit in Charge Protection • Short Circuit in Discharge Protection 1 and 2 • Overtemperature in Charge Protection • Overtemperature in Discharge Protection • Overtemperature FET protection • SBS Host Watchdog Protection • Precharge Timeout Protection • Fast Charge Timeout Protection • Overcharge Protection • Overcharging Current Protection • Overcharging Voltage Protection Permanent Fail Safety Features The FUSE pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or discharging. Upon a Permanent Fail event trigger, critical system information is written to non-volatile memory to simplify failure analysis. In addition, the black box stores the sequence of safety events also into non-volatile memory to simplify failure analysis. The Permanent Fail safety features include: • Cell Undervoltage Protection • Cell Overvoltage Protection • Copper Deposition • Overtemperature Cell • Overtemperature FET • QMAX Imbalance • Cell Balancing • Capacity Degradation • Impedance • Voltage Imbalance at Rest • Voltage Imbalance Active • Charge FET and Discharge FET • Thermistor • Chemical FUSE • AFE Register • AFE Communication • 2nd-Level Protection • PTC • Instruction Flash • Open Cell Tab Connection • Data Flash 18 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links :bq30z554-R1 |