| 전자부품 데이터시트 검색엔진 |
|
PIC18F4680EMLSQTP 데이터시트(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4680EMLSQTP 데이터시트(HTML) 15 Page - Microchip Technology |
|
15 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 13 PIC18F2585/2680/4585/4680 PORTA is a bidirectional I/O port. RA0/AN0 RA0 AN0 2 I/O I TTL Analog Digital I/O. Analog input 0. RA1/AN1 RA1 AN1 3 I/O I TTL Analog Digital I/O. Analog input 1. RA2/AN2/VREF- RA2 AN2 VREF- 4 I/O I I TTL Analog Analog Digital I/O. Analog input 2. A/D reference voltage (low) input. RA3/AN3/VREF+ RA3 AN3 VREF+ 5 I/O I I TTL Analog Analog Digital I/O. Analog input 3. A/D reference voltage (high) input. RA4/T0CKI RA4 T0CKI 6 I/O I TTL ST Digital I/O. Timer0 external clock input. RA5/AN4/SS/HLVDIN RA5 AN4 SS HLVDIN 7 I/O I I I TTL Analog TTL Analog Digital I/O. Analog input 4. SPI slave select input. High/Low-Voltage Detect input. RA6 See the OSC2/CLKO/RA6 pin. RA7 See the OSC1/CLKI/RA7 pin. TABLE 1-2: PIC18F2585/2680 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP, SOIC Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power |