| 전자부품 데이터시트 검색엔진 |
|
TAS5731MPHPR 데이터시트(PDF) 57 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5731MPHPR 데이터시트(HTML) 57 Page - Texas Instruments |
|
57 / 68 page ![]() TAS5731M www.ti.com SLOS838B – JULY 2013 – REVISED NOVEMBER 2013 Table 21. PWM Output Mux Register (0x25) (continued) – – 1 0 – – – – Multiplex PWM 3 to OUT_C – – 1 1 – – – – Multiplex PWM 4 to OUT_C – – – – 0 0 – – Reserved (1) – – – – – – 0 0 Multiplex PWM 1 to OUT_D – – – – – – 0 1 Multiplex PWM 2 to OUT_D – – – – – – 1 0 Multiplex PWM 3 to OUT_D – – – – – – 1 1 Multiplex PWM 4 to OUT_D (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 1 0 0 0 1 0 1 Reserved(1) DRC CONTROL (0x46) Each DRC can be enabled independently using the DRC control register. The DRCs are disabled by default. Table 22. DRC Control Register D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D15 D14 D13 D12 D11 D10 D9 D8 FUNCTION 0 0 0 0 0 0 0 0 Reserved (1) D7 D6 D5 D4 D3 D2 D1 D0 FUNCTION 0 0 – – – – – – Reserved (1) – – 0 – – – – – Disable complementary (1 - H) low-pass filter generation – – 1 – – – – – Enable complementary (1 - H) low-pass filter generation – – – 0 – – – – – – – 1 – – – – 0 0 Reserved (1) – – – – – – 0 – DRC2 turned OFF (1) – – – – – – 1 – DRC2 turned ON – – – – – – – 0 DRC1 turned OFF (1) – – – – – – – 1 DRC1 turned ON (1) Default values are in bold. Copyright © 2013, Texas Instruments Incorporated 57 Product Folder Links :TAS5731M |