전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A3952SW 데이터시트(PDF) 12 Page - Allegro MicroSystems

부품명 A3952SW
상세설명  FULL-BRIDGE PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3952SW 데이터시트(HTML) 12 Page - Allegro MicroSystems

Back Button A3952SW Datasheet HTML 8Page - Allegro MicroSystems A3952SW Datasheet HTML 9Page - Allegro MicroSystems A3952SW Datasheet HTML 10Page - Allegro MicroSystems A3952SW Datasheet HTML 11Page - Allegro MicroSystems A3952SW Datasheet HTML 12Page - Allegro MicroSystems A3952SW Datasheet HTML 13Page - Allegro MicroSystems A3952SW Datasheet HTML 14Page - Allegro MicroSystems A3952SW Datasheet HTML 15Page - Allegro MicroSystems A3952SW Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
3952
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
NOTES: 1. Index is centered on “D” side.
2. Webbed lead frame. Leads indicated are internally one piece.
3. Lead spacing tolerance is non-cumulative.
4. Exact body and lead configuration at vendor’s option within limits shown.
5. Intended to meet new JEDEC Standard when that is approved.
A3952SEB
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
18
12
0.020
MIN
0.050
BSC
1
28
INDEX AREA
Dwg. MA-005-28A in
0.026
0.032
0.013
0.021
26
25
19
11
4
5
0.165
0.180
0.495
0.485
0.456
0.450
0.495
0.485
0.456
0.450
0.219
0.191
0.219
0.191
0.51
MIN
4.57
4.20
1.27
BSC
12.57
12.32
11.582
11.430
1
28
INDEX AREA
Dwg. MA-005-28A mm
0.812
0.661
0.331
0.533
12.57
12.32
26
25
19
18
12
11
4
5
11.58
11.43
5.56
4.85
5.56
4.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16