전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3976 데이터시트(PDF) 2 Page - Allegro MicroSystems

부품명 3976
상세설명  DUAL FULL BRIDGE PROTECTED MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLEGRO [Allegro MicroSystems]
홈페이지  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3976 데이터시트(HTML) 2 Page - Allegro MicroSystems

  3976 Datasheet HTML 1Page - Allegro MicroSystems 3976 Datasheet HTML 2Page - Allegro MicroSystems 3976 Datasheet HTML 3Page - Allegro MicroSystems 3976 Datasheet HTML 4Page - Allegro MicroSystems 3976 Datasheet HTML 5Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page
2 of 5
3976 Dual Protected PWM Motor Driver
Functional Block Diagram
(one of two bridges shown)
CONTROL
LOGIC
Diagnostic Logic
OUT1A
V
BB
OUT1B
V
CC
GROUND
PHASE1
ENABLE1
To Bridge 2
To Bridge 2
OUT2A
OUT2B
PHASE2
ENABLE2
FAULT1
FAULT2
Thermal
Shutdown
Short to Supply
Monitor
Short to Ground
Monitor
Over/Under
Voltage
Monitor
Input Pull Down
Input Logic
PHASE
ENABLE
OUTA
OUTB
X
0
Off
Off
0
1
Low
High
1
1
High
Low
Fault Logic
Fault Condition
FAULT1
FAULT2
Thermal Shutdown
Low
Low
Short to Battery or Open Load
Low
High
Short to Ground
High
Low
Normal Operation
High
High



Html Pages

1 2 3 4 5