전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUF602IDBVT 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 BUF602IDBVT
상세설명  High-Speed, Closed-Loop Buffer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BUF602IDBVT 데이터시트(HTML) 7 Page - Texas Instruments

Back Button BUF602IDBVT Datasheet HTML 3Page - Texas Instruments BUF602IDBVT Datasheet HTML 4Page - Texas Instruments BUF602IDBVT Datasheet HTML 5Page - Texas Instruments BUF602IDBVT Datasheet HTML 6Page - Texas Instruments BUF602IDBVT Datasheet HTML 7Page - Texas Instruments BUF602IDBVT Datasheet HTML 8Page - Texas Instruments BUF602IDBVT Datasheet HTML 9Page - Texas Instruments BUF602IDBVT Datasheet HTML 10Page - Texas Instruments BUF602IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
BUF602
www.ti.com ...................................................................................................................................................... SBOS339B – OCTOBER 2005 – REVISED MAY 2008
ELECTRICAL CHARACTERISTICS: VS = +3.3V (continued)
Boldface limits are tested at +25
°C.
At RL = 100Ω, unless otherwise noted.
BUF602ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX
TEST LEVEL
(1)
THERMAL CHARACTERISTICS
Specification: ID
–40 to +85
°C
typ
C
Thermal Resistance
θ
JA
D
SO-8
Junction-to-Ambient
125
°C/W
typ
C
DBV
SOT23-5
Junction-to-Ambient
150
°C/W
typ
C
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): BUF602



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com