전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP1586 데이터시트(PDF) 1 Page - Monolithic Power Systems

부품명 MP1586
상세설명  3A, 28V, 50kHz to 400kHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1586 데이터시트(HTML) 1 Page - Monolithic Power Systems

  MP1586 Datasheet HTML 1Page - Monolithic Power Systems MP1586 Datasheet HTML 2Page - Monolithic Power Systems MP1586 Datasheet HTML 3Page - Monolithic Power Systems MP1586 Datasheet HTML 4Page - Monolithic Power Systems MP1586 Datasheet HTML 5Page - Monolithic Power Systems MP1586 Datasheet HTML 6Page - Monolithic Power Systems MP1586 Datasheet HTML 7Page - Monolithic Power Systems MP1586 Datasheet HTML 8Page - Monolithic Power Systems MP1586 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP1586
3A, 28V, 50kHz to 400kHz
Step-Down Converter
MP1586 Rev. 0.91
www.MonolithicPower.com
1
1/8/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1586 is a high frequency step-down
switching regulator with an integrated internal
high-side high voltage power MOSFET. It
provides 3A output with current mode control for
fast loop response and easy compensation.
The wide 4.5V to 28V input range accommodates
a variety of step-down applications, including
those in an automotive input environment. A
115µA operational quiescent current allows use in
battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
The MP1586 is available in a thermally enhanced
SOIC8E package.
FEATURES
• Wide 4.5V to 28V Operating Input Range
• Programmable Switching Frequency from
50kHz to 400kHz
• High-Efficiency Pulse Skipping Mode for
Light Load
• Ceramic Capacitor Stable
• Internal Soft-Start
• Internally Set Current Limit without a
Current Sensing Resistor
• Available in SOIC8E Package.
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C3
820pF
C6
NS
C4
100nF
D1
VOUT
5V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP1586
EN
5
8
1
4
3
7
2
6
Efficiency vs.
Load Current
VOUT=5V,FSW=250kHz
40
50
60
70
80
90
100
0.01
0.1
1
10
LOAD CURRENT(A)
VIN=8V
VIN=12V
VIN=24V


유사한 부품 번호 - MP1586

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
MP158 RECTRON-MP158 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
81Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP158 GWSEMI-MP158 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP158 MCC-MP158 Datasheet
244Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Monolithic Power System...
MP158 MPS-MP158 Datasheet
711Kb / 20P
Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
More results

유사한 설명 - MP1586

제조업체부품명데이터시트상세설명
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP2365 MPS-MP2365 Datasheet
390Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
3A, 24V, 400kHz Step-Down Converter
logo
Monolithic Power System...
MP1584 MPS-MP1584 Datasheet
387Kb / 17P
3A, 1.5MHz, 28V Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com