전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VTT3423LAH 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 VTT3423LAH
상세설명  Low-cost visible and near-IR photodetection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

VTT3423LAH 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  VTT3423LAH Datasheet HTML 1Page - List of Unclassifed Manufacturers VTT3423LAH Datasheet HTML 2Page - List of Unclassifed Manufacturers VTT3423LAH Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phototransistors
www.optoelectronics.perkinelmer.com
19
Description
Phototransistors are photodiode-amplifier combinations
integrated within a single silicon chip. These are combined to
overcome the major fault of photodiodes: unity gain. Many
applications demand a greater output signal from the photodetector
than can be generated by a photodiode alone. While the signal
from a photodiode can always be amplified through use of an
external op-amp or other circuitry, this approach is often not as
practical or as cost-effective as the use of phototransistors. The
phototransistor can be viewed as a photodiode whose output
photocurrent is fed into the base of a conventional small-signal
transistor. While not required for operation of the device as a
photodetector, a base connection is often provided, allowing the
designer the option of using base current to bias the transistor. The
typical gain of a phototransistor can range from 100 to over 1500.
Phototransistors can be used as ambient-light detectors. When
used with a controllable light source, typically an IRED, they
are often employed as the detector element for optoisolators and
transmissive or reflective optical switches.
All phototransistors are RoHS compliant.
Features
• Low-cost visible and near-IR
photodetection
• Available with gains from 100
to over 1500
• Moderately fast response times
• Available in a wide range of
packages including epoxy-coated,
transfer-molded, cast, hermetic
packages, chip form and surface
mounting technology
• Usable with almost any visible
or near-infrared light source such
as IREDs, neon, fluorescent,
incandescent bulbs, lasers, flame
sources, sunlight, etc.
• Same general electrical
characteristics as familiar signal
transistors
Typical Applications
• Computer/business equipment
• Write-protect control
• Margin controls—printers
• Industrial
• LED light source—light pens
• Security systems
• Safety shields
• Consumer
• Coin counters
• Lottery card readers
• Position sensors—joysticks
• Remote controllers—toys,
appliances, audio/visual
equipment
• Games—laser tag
• Camera shutter control
Principle of Operation
Phototransistors are solid-state light
detectors that possess internal gain.
They can be used to provide either
an analog or digital output signal.
Datasheets available upon request.
Absolute Maximum Ratings
Maximum Temperatures
-25°C to 80°C (CR10TE, CR50TE)
Storage and Operating:
-40°C to 100°C
-40°C to 110°C (VTT1015, VTT1016,
VTT1017, VTT1115, VTT1116, and VTT1117)
-40°C to 85°C (VTT7222, VTT7223,
VTT7225, VTT7122, VTT7123, and VTT7125)
-40°C to 70°C (VTT9002, VTT9003,
VTT9102, and VTT9103)
Continuous Power Dissipation: 50 mW
100 mW (VTT9002, VTT9003, VTT9102,
and VTT9103)
200 mW (CR10TE, CR50TE)
250 mW (VTT1015, VTT1016, VTT1017,
VTT1115, VTT1116, and VTT1117)
Derate above 30°C:
0.71 mW/˚C
2.5 mW/˚C (VTT9002, VTT9003, VTT9102,
and VTT9103)
3.12 mW/˚C (VTT1015, VTT1016, VTT1017,
VTT1115, VTT1116, and VTT1117)
0.91 mW/˚C (VTT7122, VTT7123, VTT7125)
Maximum Current:
25 mA
200 mA (VTT1015, VTT1016, VTT1017,
VTT1115, VTT1116, and VTT1117)
Lead-Soldering Temperature:
260°C (1.6 mm from case, 5 sec. max.)
phototransistors


유사한 부품 번호 - VTT3423LAH

제조업체부품명데이터시트상세설명
logo
PerkinElmer Optoelectro...
VTT3423LA PERKINELMER-VTT3423LA Datasheet
22Kb / 1P
.025 NPN Phototransistors
More results

유사한 설명 - VTT3423LAH

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE3032 NTE-NTE3032 Datasheet
19Kb / 2P
Phototransistor Detector NPN-Si, Visible & IR
logo
Hamamatsu Corporation
S1223 HAMAMATSU-S1223 Datasheet
190Kb / 2P
For visible IR precision photometry
logo
3M Electronics
IR900 3M-IR900 Datasheet
26Kb / 1P
Reflects near IR heat with minimal reduction of visible light transmission
logo
Hamamatsu Corporation
S12028_KPIN1083E01 HAMAMATSU-S12028_KPIN1083E01 Datasheet
575Kb / 3P
Enhanced near IR sensitivity, using a MEMS
logo
Roithner LaserTechnik G...
SDL-7501-G1 ROITHNER-SDL-7501-G1 Datasheet
779Kb / 3P
Low cost, visible wavelength laser diodes
logo
API Delevan
SLSD-71N200 API-SLSD-71N200 Datasheet
137Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N300 API-SLSD-71N300 Datasheet
141Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N400 API-SLSD-71N400 Datasheet
115Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N700 API-SLSD-71N700 Datasheet
140Kb / 2P
Visible to IR spectral irradiance range
logo
AVAGO TECHNOLOGIES LIMI...
SFH551-1 AVAGO-SFH551-1 Datasheet
84Kb / 5P
Sensitive in visible and near IR range
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com