전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6202 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 L6202
상세설명  DMOS FULL BRIDGE DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6202 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button L6202 Datasheet HTML 9Page - STMicroelectronics L6202 Datasheet HTML 10Page - STMicroelectronics L6202 Datasheet HTML 11Page - STMicroelectronics L6202 Datasheet HTML 12Page - STMicroelectronics L6202 Datasheet HTML 13Page - STMicroelectronics L6202 Datasheet HTML 14Page - STMicroelectronics L6202 Datasheet HTML 15Page - STMicroelectronics L6202 Datasheet HTML 16Page - STMicroelectronics L6202 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
BIPOLAR STEPPER MOTORS APPLICATIONS
Bipolar stepper motors can be driven with one
L6506 or L297, two full bridge BCD drivers and
very few external components. Together these
three chips form a complete microprocessor-to-
stepper motor interface is realized.
As shown in Fig. 18 and Fig. 19, the controller
connect directly to the two bridge BCD drivers.
External component are minimalized: an R.C. net-
work to set the chopper frequency, a resistive di-
vider (R1; R2) to establish the comparator refer-
ence voltage and a snubber network made by R
and C in series (See DC Motor Speed Control).
Figure 19: Two Phase Bipolar Stepper Motor Control Circuit with Chopper Current Control and Translator
Figure 18: Two Phase Bipolar Stepper Motor Control Circuit with Chopper Current Control
L6201
L6201PS
L6202
L6203
L6201
L6201PS
L6202
L6203
L6201
L6201PS
L6202
L6203
L6201
L6201PS
L6202
L6203
L6201 - L6202 - L6203
13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20