전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7824ABV 데이터시트(PDF) 36 Page - STMicroelectronics

부품명 L7824ABV
상세설명  Positive voltage regulator ICs
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7824ABV 데이터시트(HTML) 36 Page - STMicroelectronics

Back Button L7824ABV Datasheet HTML 32Page - STMicroelectronics L7824ABV Datasheet HTML 33Page - STMicroelectronics L7824ABV Datasheet HTML 34Page - STMicroelectronics L7824ABV Datasheet HTML 35Page - STMicroelectronics L7824ABV Datasheet HTML 36Page - STMicroelectronics L7824ABV Datasheet HTML 37Page - STMicroelectronics L7824ABV Datasheet HTML 38Page - STMicroelectronics L7824ABV Datasheet HTML 39Page - STMicroelectronics L7824ABV Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Application information
L78xx, L78xxC, L78xxAB, L78xxAC
36/57
DocID2143 Rev 31
Note:
Application with high capacitance loads and an output voltage greater than 6 volts need an
external diode (see Figure 23 on page 34) to protect the device against input short circuit. In
this case the input voltage falls rapidly while the output voltage decrease slowly. The
capacitance discharges by means of the base-emitter junction of the series pass transistor
in the regulator. If the energy is sufficiently high, the transistor may be destroyed. The
external diode by-passes the current from the IC to ground.
Figure 28. Protection against input short-circuit with high capacitance loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57