| 전자부품 데이터시트 검색엔진 |
|
STPS20200CTN 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS20200CTN 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 15 page ![]() DocID024382 Rev 2 9/15 STPS20200C Package information Table 6. TO-220AB narrow leads dimension values Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.40 4.60 0.17 0.18 b 0.61 0.88 0.024 0.034 b1 0.95 1.20 0.037 0.047 c 0.48 0.70 0.019 0.027 D 15.25 15.75 0.60 0.62 D1 1.27 0.05 E 10.00 10.40 0.39 0.41 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.19 0.20 F 1.23 1.32 0.048 0.052 H1 6.20 6.60 0.24 0.26 J1 2.40 2.72 0.095 0.107 L 13.00 14.00 0.51 0.55 L1 2.60 2.90 0.102 0.114 L20 15.40 0.61 L30 28.90 1.14 ∅P 3.75 3.85 0.147 0.151 Q 2.65 2.95 0.104 0.116 |