전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20200CFP 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STPS20200CFP
상세설명  Power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20200CFP 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STPS20200CFP Datasheet HTML 2Page - STMicroelectronics STPS20200CFP Datasheet HTML 3Page - STMicroelectronics STPS20200CFP Datasheet HTML 4Page - STMicroelectronics STPS20200CFP Datasheet HTML 5Page - STMicroelectronics STPS20200CFP Datasheet HTML 6Page - STMicroelectronics STPS20200CFP Datasheet HTML 7Page - STMicroelectronics STPS20200CFP Datasheet HTML 8Page - STMicroelectronics STPS20200CFP Datasheet HTML 9Page - STMicroelectronics STPS20200CFP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Package information
STPS20200C
6/15
DocID024382 Rev 2
2
Package information
Epoxy meets UL94, V0
Lead-free package
Cooling method: by conduction (C)
Recommended torque value: 0.4 to 0.6 N·m
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 8. TO-220AB dimension definitions
A
F
D1
J1
H1
∅P
Q
D
L1
L
b
E
e1
e
L20
L30
b1
c
Resin gate
0.5 mm max.
protrusion(1)
Resin gate
0.5 mm max.
protrusion(1)
(1) Resin gate position accepted in each of the two
position shown as well as the symmetrical opposites



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15