전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20200CG-TR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STPS20200CG-TR
상세설명  Power Schottky diode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20200CG-TR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STPS20200CG-TR Datasheet HTML 5Page - STMicroelectronics STPS20200CG-TR Datasheet HTML 6Page - STMicroelectronics STPS20200CG-TR Datasheet HTML 7Page - STMicroelectronics STPS20200CG-TR Datasheet HTML 8Page - STMicroelectronics STPS20200CG-TR Datasheet HTML 9Page - STMicroelectronics STPS20200CG-TR Datasheet HTML 10Page - STMicroelectronics STPS20200CG-TR Datasheet HTML 11Page - STMicroelectronics STPS20200CG-TR Datasheet HTML 12Page - STMicroelectronics STPS20200CG-TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DocID024382 Rev 2
9/15
STPS20200C
Package information
Table 6. TO-220AB narrow leads dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.17
0.18
b
0.61
0.88
0.024
0.034
b1
0.95
1.20
0.037
0.047
c
0.48
0.70
0.019
0.027
D
15.25
15.75
0.60
0.62
D1
1.27
0.05
E
10.00
10.40
0.39
0.41
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.19
0.20
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.24
0.26
J1
2.40
2.72
0.095
0.107
L
13.00
14.00
0.51
0.55
L1
2.60
2.90
0.102
0.114
L20
15.40
0.61
L30
28.90
1.14
∅P
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15