전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSPIC30F6010A 데이터시트(PDF) 9 Page - Microchip Technology

부품명 DSPIC30F6010A
상세설명  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F6010A 데이터시트(HTML) 9 Page - Microchip Technology

Back Button DSPIC30F6010A Datasheet HTML 5Page - Microchip Technology DSPIC30F6010A Datasheet HTML 6Page - Microchip Technology DSPIC30F6010A Datasheet HTML 7Page - Microchip Technology DSPIC30F6010A Datasheet HTML 8Page - Microchip Technology DSPIC30F6010A Datasheet HTML 9Page - Microchip Technology DSPIC30F6010A Datasheet HTML 10Page - Microchip Technology DSPIC30F6010A Datasheet HTML 11Page - Microchip Technology DSPIC30F6010A Datasheet HTML 12Page - Microchip Technology DSPIC30F6010A Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 7
dsPIC30F6010A/6015
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the dsPIC30F6010A and dsPIC30F6015 devices. The
dsPIC30F devices contain extensive Digital Signal
Processor (DSP) functionality within a high-performance
16-bit microcontroller (MCU) architecture. Figure 1-1
shows a device block diagram for the dsPIC30F6010A
device. Figure 1-2 shows a device block diagram for the
dsPIC30F6015 device.
Note: This data sheet summarizes features of this
group of dsPIC30F devices and is not intended to be
a complete reference source. For more information
on the CPU, peripherals, register descriptions and
general device functionality, refer to the “dsPIC30F
Family Reference Manual” (DS70046). For more
information on the device instruction set and pro-
gramming, refer to the “dsPIC30F/33F Programmers
Reference Manual” (DS70157).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More