| 전자부품 데이터시트 검색엔진 |
|
DSPIC33FJ06GS101 데이터시트(PDF) 99 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS101 데이터시트(HTML) 99 Page - Microchip Technology |
|
99 / 346 page ![]() © 2009 Microchip Technology Inc. Preliminary DS70318D-page 97 dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 TABLE 7-1: INTERRUPT VECTORS Vector Number Interrupt Request (IQR) IVT Address AIVT Address Interrupt Source Highest Natural Order Priority 8 0 0x000014 0x000114 INT0 – External Interrupt 0 9 1 0x000016 0x000116 IC1 – Input Capture 1 10 2 0x000018 0x000118 OC1 – Output Compare 1 11 3 0x00001A 0x00011A T1 – Timer1 12 4 0x00001C 0x00011C Reserved 13 5 0x00001E 0x00011E IC2 – Input Capture 2 14 6 0x000020 0x000120 OC2 – Output Compare 2 15 7 0x000022 0x000122 T2 – Timer2 16 8 0x000024 0x000124 T3 – Timer3 17 9 0x000026 0x000126 SPI1E – SPI1 Fault 18 10 0x000028 0x000128 SPI1 – SPI1 Transfer Done 19 11 0x00002A 0x00012A U1RX – UART1 Receiver 20 12 0x00002C 0x00012C U1TX – UART1 Transmitter 21 13 0x00002E 0x00012E ADC – ADC Group Convert Done 22 14 0x000030 0x000130 Reserved 23 15 0x000032 0x000132 Reserved 24 16 0x000034 0x000134 SI2C1 – I2C1 Slave Event 25 17 0x000036 0x000136 MI2C1 – I2C1 Master Event 26 18 0x000038 0x000138 CMP1 – Analog Comparator 1 Interrupt 27 19 0x00003A 0x00013A CN – Input Change Notification Interrupt 28 20 0x00003C 0x00013C INT1 – External Interrupt 1 29 21 0x00003E 0x00013E Reserved 30 22 0x000040 0x000140 Reserved 31 23 0x000042 0x000142 Reserved 32 24 0x000044 0x000144 Reserved 33 25 0x000046 0x000146 Reserved 34 26 0x000048 0x000148 Reserved 35 27 0x00004A 0x00014A Reserved 36 28 0x00004C 0x00014C Reserved 37 29 0x00004E 0x00014E INT2 – External Interrupt 2 38-64 30-56 Reserved 65 57 0x000086 0x000186 PWM PSEM Special Event Match 66-72 58-64 Reserved 73 65 0x000096 0x000196 U1E – UART1 Error Interrupt 74-101 66-93 Reserved 102 94 0x0000D0 0x0001D0 PWM1 – PWM1 Interrupt 103 95 0x0000D2 0x0001D2 PWM2 – PWM2 Interrupt 104 96 0x0000D4 0x0001D4 PWM3 – PWM3 Interrupt 105 97 0x0000D6 0x0001D6 PWM4 – PWM4 Interrupt 106 98 0x0000D8 0x0001D8 Reserved 107 99 0x0000DA 0x0001DA Reserved 108 100 0x0000DC 0x0001DC Reserved 109 101 0x0000DE 0x0001DE Reserved 110 102 0x0000E0 0x0001E0 Reserved 111 103 0x0000E2 0x00001E2 CMP2 – Analog Comparator 2 |