전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP4034GS 데이터시트(PDF) 15 Page - Monolithic Power Systems

부품명 MP4034GS
상세설명  Offline LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4034GS 데이터시트(HTML) 15 Page - Monolithic Power Systems

Back Button MP4034GS Datasheet HTML 11Page - Monolithic Power Systems MP4034GS Datasheet HTML 12Page - Monolithic Power Systems MP4034GS Datasheet HTML 13Page - Monolithic Power Systems MP4034GS Datasheet HTML 14Page - Monolithic Power Systems MP4034GS Datasheet HTML 15Page - Monolithic Power Systems MP4034GS Datasheet HTML 16Page - Monolithic Power Systems MP4034GS Datasheet HTML 17Page - Monolithic Power Systems MP4034GS Datasheet HTML 18Page - Monolithic Power Systems MP4034GS Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP4034 – OFFLINE LED DRIVER
MP4034 Rev. 1.02
www.MonolithicPower.com
15
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PCB Layout Guide
PCB layout is very important to achieve reliable
operation,
and
good
EMI
and
thermal
performance. The use design guide as follows
to help optimize performance.
1. Minimize the loop area formed by the input
capacitor, the MP4034 drain-source, and the
primary winding to reduce EMI noise.
2. The copper area connected to source pins
acts as a heat sink. Provide a large copper area
to improve the thermal performance.
3. Minimize the clamp circuit loop to reduce EMI.
4. Minimize the secondary loop area of the
output diode and output filter to reduce the EMI
noise. In addition, provide a sufficient copper
area at the anode and cathode terminal of the
output diode for heat dissipation.
5. Place the AC input away from the switching
nodes to minimize the noise coupling that may
bypass the input filter.
6. Place the bypass capacitor as close as
possible to the IC and source.
7. Place the feedback resistors at the FB pin
and minimize the feedback sampling loop area
to minimize noise coupling.
8. Use a single point connection at the negative
terminal of the input filter capacitor for the
MP4034 source pin and bias winding return.
Figure 13 shows a layout example.
Top Layer
Bottom Layer
Figure 13: PCB Layout
Design Example
Below are design examples following the
application
guidelines
for
the
given
specifications:
Table 1: Design Example
Example 1
VIN
85VAC-265VAC
VOUT
40V
IOUT
0.13A
Example 2
VIN
85VAC-265VAC
VOUT
10V
IOUT
0.35A
Figure 14 and Figure 15 show the detailed
isolated application, while Figure 16 and Figure
17 show the detailed non-isolated application.
These examples were used in the Typical
Performance Characteristics section. For more
applications, please refer to the related
evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com