전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC10F320T-IMCSQTP 데이터시트(PDF) 80 Page - Microchip Technology

부품명 PIC10F320T-IMCSQTP
상세설명  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320T-IMCSQTP 데이터시트(HTML) 80 Page - Microchip Technology

Back Button PIC10F320T-IMCSQTP Datasheet HTML 76Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 77Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 78Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 79Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 80Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 81Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 82Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 83Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 80
Preliminary
 2011 Microchip Technology Inc.
TABLE 10-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
—
—
—
ANSA2
ANSA1
ANSA0
78
IOCAF
—
—
—
—
IOCAF3
IOCAF2
IOCAF1
IOCAF0
84
IOCAN
—
—
—
—
IOCAN3
IOCAN2
IOCAN1
IOCAN0
83
IOCAP
—
—
—
—
IOCAP3
IOCAP2
IOCAP1
IOCAP0
83
LATA
—
—
—
—
—
LATA2
LATA1
LATA0
78
PORTA
—
—
—
—
RA3
RA2
RA1
RA0
77
TRISA
—
—
—
—
—(1)
TRISA2
TRISA1
TRISA0
77
WPUA
—
—
—
—
WPUA3
WPUA2
WPUA1
WPUA0
79
Legend: x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by
PORTA.
Note 1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More