전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC10F320T-IMCSQTP 데이터시트(PDF) 193 Page - Microchip Technology

부품명 PIC10F320T-IMCSQTP
상세설명  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F320T-IMCSQTP 데이터시트(HTML) 193 Page - Microchip Technology

Back Button PIC10F320T-IMCSQTP Datasheet HTML 189Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 190Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 191Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 192Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 193Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 194Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 195Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 196Page - Microchip Technology PIC10F320T-IMCSQTP Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 193
PIC10(L)F320/322
27.0
PACKAGING INFORMATION
27.1
Package Marking Information
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
6-Lead SOT-23
Example
XXNN
8-Lead PDIP (300 mil)
Example
XXXXXXXX
XXXXXNNN
YYWW
8-Lead DFN (2x3x0.9 mm)
Example
10F320
1110
3
e
I/P
07Q
LA11
BAA
110
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More