| 전자부품 데이터시트 검색엔진 |
|
PIC10F320T-EMCSQTP 데이터시트(PDF) 121 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F320T-EMCSQTP 데이터시트(HTML) 121 Page - Microchip Technology |
|
121 / 210 page ![]() 2011 Microchip Technology Inc. Preliminary DS41585A-page 121 PIC10(L)F320/322 REGISTER 19-3: CLCxSEL0: MULTIPLEXER DATA 1 AND 2 SELECT REGISTER U-0 R/W-x/u R/W-x/u R/W-x/u U-0 R/W-x/u R/W-x/u R/W-x/u — LCxD2S<2:0> — LCxD1S<2:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7 Unimplemented: Read as ‘0’ bit 6-4 LCxD2S<2:0>: Input Data 2 Selection Control bits(1) 111 = CLCxIN[7] is selected for lcxd2. 110 = CLCxIN[6] is selected for lcxd2. 101 = CLCxIN[5] is selected for lcxd2. 100 = CLCxIN[4] is selected for lcxd2. 011 = CLCxIN[3] is selected for lcxd2. 010 = CLCxIN[2] is selected for lcxd2. 001 = CLCxIN[1] is selected for lcxd2. 000 = CLCxIN[0] is selected for lcxd2. bit 3 Unimplemented: Read as ‘0’ bit 2-0 LCxD1S<2:0>: Input Data 1 Selection Control bits(1) 111 = CLCxIN[7] is selected for lcxd1. 110 = CLCxIN[6] is selected for lcxd1. 101 = CLCxIN[5] is selected for lcxd1. 100 = CLCxIN[4] is selected for lcxd1. 011 = CLCxIN[3] is selected for lcxd1. 010 = CLCxIN[2] is selected for lcxd1. 001 = CLCxIN[1] is selected for lcxd1. 000 = CLCxIN[0] is selected for lcxd1. Note 1: See Table 19-1 for signal names associated with inputs. |