| 전자부품 데이터시트 검색엔진 |
|
PIC10F320T-EMCSQTP 데이터시트(PDF) 122 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F320T-EMCSQTP 데이터시트(HTML) 122 Page - Microchip Technology |
|
122 / 210 page ![]() PIC10(L)F320/322 DS41585A-page 122 Preliminary 2011 Microchip Technology Inc. REGISTER 19-4: CLCxSEL1: MULTIPLEXER DATA 3 AND 4 SELECT REGISTER U-0 R/W-x/u R/W-x/u R/W-x/u U-0 R/W-x/u R/W-x/u R/W-x/u — LCxD4S<2:0> — LCxD3S<2:0> bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ u = Bit is unchanged x = Bit is unknown -n/n = Value at POR and BOR/Value at all other Resets ‘1’ = Bit is set ‘0’ = Bit is cleared bit 7 Unimplemented: Read as ‘0’ bit 6-4 LCxD4S<2:0>: Input Data 4 Selection Control bits(1) 111 = CLCxIN[7] is selected for lcxd4. 110 = CLCxIN[6] is selected for lcxd4. 101 = CLCxIN[5] is selected for lcxd4 100 = CLCxIN[4] is selected for lcxd4. 011 = CLCxIN[3] is selected for lcxd4. 010 = CLCxIN[2] is selected for lcxd4. 001 = CLCxIN[1] is selected for lcxd4. 000 = CLCxIN[0] is selected for lcxd4. bit 3 Unimplemented: Read as ‘0’ bit 2-0 LCxD3S<2:0>: Input Data 3 Selection Control bits(1) 111 = CLCxIN[7] is selected for lcxd3. 110 = CLCxIN[6] is selected for lcxd3. 101 = CLCxIN[5] is selected for lcxd3. 100 = CLCxIN[4] is selected for lcxd3. 011 = CLCxIN[3] is selected for lcxd3. 010 = CLCxIN[2] is selected for lcxd3. 001 = CLCxIN[1] is selected for lcxd3. 000 = CLCxIN[0] is selected for lcxd3. Note 1: See Table 19-1 for signal names associated with inputs. |